Part Number Hot Search : 
LM339DG 91MT120K 48F70 1N5233C SA20A 4518B LCX320 1106FD
Product Description
Full Text Search
 

To Download HTP6A60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
HTP6A60
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
Features
* Repetitive Peak Off-State Voltage: 600V * R.M.S On-state Current(IT(RMS)=6A) * High Commutation dv/dt
General Description
The Triac HTP6A60 is suitable for AC switching application, phase control application such as heater control, motor control, lighting control, and static switching relay.
Absolute Maximum Ratings Ta=25ae(c)
Tstg Tj PGM VDRM IT
RMS (c)
Storage Temperature-
-
-
-
-
-
-40~125ae -40~125ae 3W
Operating Junction Temperature Peak Gate Power Dissipation- Repetitive Peak Off-State Voltage-
-
600V 6A 10V 2.0A 60/66A
R.M.S On-state Current Ta=100ae (c) Peak Gate Voltage - - Peak Gate Current-------------------------------------------
VGM IGM
ITSM
Surge On-state Current (One Cycle, 50/60Hz,Peak,Non-Repetitive) - -
Electrical Characteristics Ta=25ae(c)
Symbol IDRM Items Repetitive Peak Off-State Current Peak On-State Voltage Gate Trigger Currentn(c) Gate Trigger Currento(c) Gate Trigger Currento(c) Gate Trigger Voltagen(c) Gate Trigger Voltageo(c) Gate Trigger Voltageo(c) Non-trigger Gate Voltage Critical Rate of Rise of Off-State Voltage at Commutation Holding Current Thermal Resistance 0.2 5.0 Min. Typ. Max. 1.0 Unit mA Conditions VD=VDRM,Single Phase,Half
VTM I+GT1 I- GT1 I- GT3 V+ GT1 V- GT1 V- GT3 VGD (dv/dt)c
1.5 20 20 20 1.5 1.5 1.5
V mA mA mA V V V V V/S
Wave, TJ=125ae IT=8A, Inst. Measurement VD=6V, RL=10 ohm VD=6V, RL=10 ohm VD=6V, RL=10 ohm VD=6V, RL=10 ohm VD=6V, RL=10 ohm VD=6V, RL=10 ohm TJ=125ae TJ=125ae ,VD=1/2VDRM ,VD=2/3VDRM
(di/dt)c=-3A/ms IH Rth(j-c) 10 2.8 ae mA /W Junction to case
Shantou Huashan Electronic Devices Co.,Ltd.
HTP6A60
Fig 2. On-State Voltage
PERFORMANCE CURVES
Fig 1. Gate Characteristics
Gate
Gate
Current
(mA)
On-state Current [A]
Voltage (V)
On-state Voltage [V]
Fig 3. Gate Trigger Voltage vs. Junction Temperature
Fig 4. On State Current vs. Maximum Power Dissipation
Junction Temperature [ae ]
Fig 5. On State Current vs. Allowable Case Temperature
Power Dissipation [W]
RMS On-state current [A]
Fig 6. Surge On-State Current Rating ( Non-Repetitive )
C]
Surge On-state Current [A]
Allowable Case Temp. [a
RMS On-state Current [A]
Time
Cycles(c)
Shantou Huashan Electronic Devices Co.,Ltd.
HTP6A60
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs. Junction Temperature
Transient Thermal
Junction Temperature [ae ]
Impedance [ae
/W ]
Time
sec(c)
Fig 9. Gate Trigger Characteristics Test Circuit
10|
10|
10|
Test Proceduren
Test Procedureo
Test Procedureo


▲Up To Search▲   

 
Price & Availability of HTP6A60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X